Part Number Hot Search : 
KDS114E RBV1001D 25ETT SG3548 C484FD26 06P303 FDS6680A 2409S
Product Description
Full Text Search
 

To Download D1992A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors 1 2sD1992A silicon npn epitaxial planer type for general amplification complementary to 2sb1321a  features ? low collector to emitter saturation voltage v ce(sat) ? allowing supply with the radial taping  absolute maximum ratings t a = 25 c parameter symbol rating unit collector to base voltage v cbo 60 v collector to emitter voltage v ceo 50 v emitter to base voltage v ebo 7v peak collector current i cp 1a collector current i c 500 ma collector power dissipation p c 600 mw junction temperature t j 150 c storage temperature t stg ? 55 to + 150 c parameter symbol conditions min typ max unit collector cutoff current i cbo v cb = 20 v, i e = 0 0.1 a i ceo v ce = 20 v, i b = 01 a collector to base voltage v cbo i c = 10 a, i e = 060v collector to emitter voltage v ceo i c = 2 ma, i b = 050v emitter to base voltage v ebo i e = 10 a, i c = 07v forward current transfer ratio h fe1 * 2 v ce = 10 v, i c = 10 ma 85 340 h fe2 * 1 v ce = 10 v, i c = 500 ma 40 90 collector to emitter saturation voltage * 1 v ce(sat) i c = 300 ma, i b = 30 ma 0.35 0.6 v transition frequency f t v cb = 10 v, i e = ? 10 ma, f = 200 mhz 200 mhz collector output capacitance c ob v cb = 10 v, i e = 0 , f = 1 mhz 6 15 pf  electrical characteristics t a = 25 c 3 c unit: mm 6.9 0.1 1.05 0.05 2.5 0.1 3.5 0.1 14.5 0.5 (1.45) 0.8 0.7 4.0 0.15 0.85 0.8 1.0 0.65 max. 0.45 + 0.1 ? 0.05 0.45 + 0.1 ? 0.05 2.5 0.5 2.5 0.5 2.5 0.1 123 1.2 0.1 0.65 max. 0.45 0.1 0.05 + ? (hw type) note) in addition to the lead type shown in the upper figure, the type as shown in the lower figure is also available. 1: emitter 2: collector 3: base mt1 type package rank q r s no-rank h fe1 85 to 170 120 to 240 170 to 340 85 to 340 note) * 1: pulse measurement * 2: rank classification product of no-rank is not classified and have no indication for rank.
2sD1992A transistors 2 p c ? t a i c ? v ce i c ? i b v ce(sat) ? i c v be(sat) ? i c h fe ? i c f t ? i e c ob ? v cb v cer ? r be 0 0 160 40 120 80 140 20 100 60 200 600 400 800 100 500 300 700 ambient temperature t a ( c ) collector power dissipation p c ( mw ) 020 48 16 12 18 26 14 10 0 800 700 600 500 400 300 200 100 i b = 10 ma 9 ma 8 ma 7 ma 6 ma 5 ma 4 ma 3 ma 2 ma 1 ma collector to emitter voltage v ce ( v ) collector current i c ( ma ) t a = 25 c 010 8 6 4 29 7 5 3 1 0 800 700 600 500 400 300 200 100 base current i b ( ma ) v ce = 10 v t a = 25 c collector current i c ( ma ) 0.01 0.01 0.1 1 10 100 0.1 1 10 0.03 0.3 3 30 0.03 0.3 3 collector to emitter saturation voltage v ce(sat) ( v ) collector current i c ( a ) i c / i b = 10 25 c ? 25 c t a = 75 c 0.01 0.01 0.03 0.1 1 10 0.03 0.3 3 30 100 0.1 0.3 1 3 10 base to emitter saturation voltage v be(sat) ( v ) collector current i c ( a ) i c / i b = 10 t a = 75 c 25 c ? 25 c 0 0.01 300 250 200 150 100 50 0.1 1 10 0.03 0.3 3 forward current transfer ratio h fe v ce = 10 v collector current i c ( a ) t a = 75 c 25 c ? 25 c ? 1 ? 3 ? 10 ? 30 ? 100 0 240 200 160 120 80 40 ? 2 ? 20 ? 5 ? 50 transition frequency f t ( mhz ) emitter current i e ( ma ) v cb = 10 v t a = 25 c 0 1 12 10 8 6 4 2 3 10 30 100 220 550 collector output capacitance c ob ( pf ) collector to base voltage v cb ( v ) i e = 0 f = 1 mhz t a = 25 c 1 3 10 30 100 300 1000 0 120 100 80 60 40 20 collector to emitter voltage v cer ( v ) base to emitter resistance r be ( k ? ) i c = 2 ma t a = 25 c
transistors 2sD1992A 3 i ceo ? t a 1 10 10 2 10 3 10 4 0 200 160 120 80 40 180 140 100 60 20 v ce = 10 v ambient temperature t a ( c ) i ceo ( t a ) i ceo ( t a = 25 c )


▲Up To Search▲   

 
Price & Availability of D1992A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X